Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 252 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 248Page - Texas Instruments AM6548 Datasheet HTML 249Page - Texas Instruments AM6548 Datasheet HTML 250Page - Texas Instruments AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments AM6548 Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 299 page
background image
252
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC)
•
Provides 1 memory write access unit (Write Unit 0):
–
Supports write bursts up to 32 bytes (limited by Tx Per-Channel FIFO depth)
–
Provides a 32-bit wide VBUSP write-only master interface for peripheral accesses.
–
Supports up to 8 outstanding writes
•
Provides 1 memory read access unit
–
Supports 1 outstanding read per interface (VBUSP)
–
Supports read burst up to 32 bytes (limited by Rx Per-Channel FIFO depth)
–
Provides a 32-bit wide VBUSP read-only master interface for peripheral accesses
•
Supports up to 3 simultaneous destination (Tx) channels
•
Supports up to 3 simultaneous source (Rx) channels
•
Supports static Transfer Requests (TRs) only
•
Supports MCAN special transfer mode
•
Provides per-channel buffering:
–
Provides 8x128-bit word deep data FIFO for each destination channel
–
Provides 8x128-bit word deep data FIFO for each source channel
–
Provides 128-bit wide PSI-L compliant data interface to remote UDMA and remote peripherals
–
Includes 1 output event transport lane
–
Provides 128-bit wide PSI-L compliant data interface from remote UDMA and remote peripherals
–
Includes 1 input event transport lane
6.10.1.1.3 PDMA0 Features
The MAIN domain PDMA0 supports the following features:
•
Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC)
•
Provides 1 memory write access unit (Write Unit 0):
–
Supports write bursts up to 32 bytes (limited by Tx Per-Channel FIFO depth)
–
Provides a 32-bit wide VBUSP write-only master interface for peripheral accesses
–
Supports up to 8 outstanding writes
•
Provides 1 memory read access unit (Read Unit 0):
–
Supports 1 outstanding read per interface (VBUSP)
–
Supports read burst up to 32 bytes (limited by Rx Per-Channel FIFO depth)
–
Provides a 32-bit wide VBUSP read-only master interface for peripheral accesses
•
Supports up to 3 simultaneous destination (Tx) channels
•
Supports up to 3 simultaneous source (Rx) channels
•
Supports static Transfer Requests (TRs) only
•
Supports MCAN special transfer mode
•
Provides per-channel buffering:
–
Provides 8x128-bit word deep data FIFO for each destination channel
–
Provides 8x128-bit word deep data FIFO for each source channel
–
Provides 128-bit wide PSI-L compliant data interface to remote UDMA and remote peripherals
–
Includes 1 output event transport lane
–
Provides 128-bit wide PSI-L compliant data interface from remote UDMA and remote peripherals
–
Includes 1 input event transport lane
6.10.1.1.4 PDMA1 Features
The MAIN domain PDMA1 supports the following features:
•
Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com