Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 255 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 255 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments AM6548 Datasheet HTML 256Page - Texas Instruments AM6548 Datasheet HTML 257Page - Texas Instruments AM6548 Datasheet HTML 258Page - Texas Instruments AM6548 Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 299 page
background image
255
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
4-Lane D-PHY
–
Based on MIPI DSI PHY specifications 1.2 with custom enhancements to support LVDS sensors
and ESD enhancements to support Q100. Support 1.5Gbps per lane.
•
LVDSRX
–
Support generic parallel I/F (H/VSYNC+DATA+CLOK) protocol. LVDSRX module implements
generic parallel interface and sends captured data to CAL module over proprietary BYS interface.
–
Support non MIPI Serial LVDS interface
–
Embedded sync decode
–
4 complex I/O connections
–
Support 8, 10, 12, 14 and 16 bits RAW mode
–
Support BYS I/F with up to 4 pixels/ cycle, each pixel is 16bit wide
–
Support Video I/F with 1 pixel / cycle or 2 pixel / cycle, each pixel is 16bit wide
CAL Not Supported Features:
•
Integrated ISP
•
ECC on CAL memories for functional safety
•
Parallel LVDS sensors
•
Hardware scalers
For more information, see section Camera Adaptation Layer (CAL) in chapter Peripherals of the device
TRM.
6.11.3 CPSW2G
The two-port Gigabit Ethernet switch subsystem (MCU_CPSW0) provides ethernet packet communication
for the device and can be configured as an ethernet switch. MCU_CPSW0 features the Reduced Gigabit
Media Independent Interface (RGMII), Reduced Media Independent Interface (RMII), and the
Management Data Input/Output (MDIO) interface for physical layer device (PHY) management.
The MCU_CPSW0 subsystem provides the following features:
•
One Ethernet port (port 1) with selectable RGMII and RMII interfaces and an internal (CPPI) port (port
0)
•
Synchronous 10/100/1000 Mbit operation
•
Flexible logical FIFO-based packet buffer structure
•
Eight priority level Quality Of Service (QOS) support (802.1p)
•
Support for Audio/Video Bridging (P802.1Qav/D6.0)
•
Support for IEEE 1588 Clock Synchronization (2008 Annex D, Annex E and Annex F)
–
Timestamp module capable of time stamping external timesync events like Pulse-Per-Second and
also generating Pulse-Per-Second outputs
–
CPTS module that supports time stamping for IEEE1588 with support for 4 hardware push events
and generation of compare output pulses
•
DSCP Priority Mapping (IPv4 and IPv6)
•
Energy Efficient Ethernet (EEE) support (802.3az)
•
Priority Based Flow Control (802.1QBB) and Flow Control (802.3x) Support
•
Non Blocking switch fabric
•
Time Sensitive Network Support
–
IEEE P902.3br/D2.0 Interspersing Express Traffic
–
IEEE 802.1Qbv/D2.2 Enhancements for Scheduled Traffic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com