Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 257 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 257 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments AM6548 Datasheet HTML 256Page - Texas Instruments AM6548 Datasheet HTML 257Page - Texas Instruments AM6548 Datasheet HTML 258Page - Texas Instruments AM6548 Datasheet HTML 259Page - Texas Instruments AM6548 Datasheet HTML 260Page - Texas Instruments AM6548 Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 299 page
background image
257
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.11.4 DCC
The Dual Clock Comparator (DCC) is used to determine the accuracy of a clock signal during the time
execution of an application. Specifically, the DCC is expected to detect 2% drift from the expected
frequency within 100ms time. Moreover, the exact accuracy can also be programed based on calculation
for each application. In addition, the DCC can also measure the frequency of a selectable clock source
using another input clock as a reference.
The device has eleven instances of DCC modules.
The DCC uses two independent clock sources to detect when one is out of spec. Each DCC module
implements the following features:
•
Two independent counter blocks count clock pulses from each clock source
•
Each counter block is programmable, however, for proper operation the counters must be programmed
with seed values that respect the ratio of the two clock frequencies
•
Configurable timebase for error signal
•
Error signal generation when one of the clocks is out of spec
•
Clock frequency measurement
For more information, see section Dual Clock Comparator (DCC) in chapter Peripherals of the device
TRM.
6.11.5 DDR Subsystem (DDRSS)
The DDR subsystem in this device comprises Synopsys DDR controller, Synopsys DDR PHY and wrapper
logic to integrate these Synopsys blocks in the device. The DDR subsystem is referred to as DDRSS0 and
is used to provide an interface to external SDRAM devices which can be utilized for storing program or
data. DDRSS0 is accessed via MSMC, and not directly through the system interconnect.
The DDRSS0 supports:
•
Memory Types:
–
DDR3L
–
DDR4
–
LPDDR4
•
Memory Bus Features:
–
39-bit width with ECC (32 bits for data and 7 bits for ECC)
–
1/2 width (22-bit) mode via software configuration
–
1/4 width (13-bit) mode via software configuration
–
Up to 1 rank
–
SDRAM address range up to 32 GB
•
System Bus Interface:
–
256-bit data width
–
Clock asynchronous to DDR clock
–
Little endian only
–
Address aliasing prevention to block accesses to unpopulated SDRAM region
•
Configuration Bus Interface:
–
32-bit data width
–
Linear incrementing addressing mode
–
32-bit aligned accesses only
–
Little endian only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com