Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 239 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM652X Datasheet HTML 235Page - Texas Instruments AM652X Datasheet HTML 236Page - Texas Instruments AM652X Datasheet HTML 237Page - Texas Instruments AM652X Datasheet HTML 238Page - Texas Instruments AM652X Datasheet HTML 239Page - Texas Instruments AM652X Datasheet HTML 240Page - Texas Instruments AM652X Datasheet HTML 241Page - Texas Instruments AM652X Datasheet HTML 242Page - Texas Instruments AM652X Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 299 page
background image
239
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Cortex-A53 MPCore (A53 Cluster) features:
Dual-core configuration (coherent SMP processors within the cluster)
Full compliance to Armv8-A architecture
AArch32 and AArch64 Execution States
AArch32 for full backward compatibility with Armv7
AArch64 for 64b support and new architectural features
All exception levels EL0-3
A32 Instruction Set
T32 Instruction Set
A64 Instruction Set
NEON Advanced SIMD
VFPv4 Floating point
Hardware virtualization support
Armv8 Cryptography Extensions
Arm GICv3 architecture
In-order pipeline with symmetric dual-issue of most instructions
Harvard L1 with system MMU
32KB Instruction (Program) Cache
32KB Data Cache
512KB Shared L2 Cache
Snoop Control Unit (SCU) managing the interconnect, arbitration, communication, cache-to-cache
and system memory transfers, cache coherence and other capabilities for the processor
Generic Timer(s)
Arm CoreSight™ Debug and Trace Architecture
Functional safety support
Error Correction Code (ECC) protection for:
L1 Data Cache (Data RAM)
L2 Cache (Data RAM, Tag RAM)
L1 SCU Duplicate Tags
Parity protection for:
L1 Instruction Cache (Data RAM and Tag RAM)
L1 Data Cache Tag RAM and Dirty Bits
TLB
No error protection on branch protection and L2 victim RAM
Support for error injection to all supported ECC memory blocks
Provided for testing ECC functionality in safety-critical applications (add-on function from TI)
Supported by ECC Aggregators at the CC_ARMSS level
256-bit wide, synchronous or asynchronous VBUSM.C master interface
AXI2VBUSM_MASTER Bridge
Sync/Async boot time selectable via pin
Cache pre-warming via use of ACP Port
64-bit graycoded system input time
48-bit graycoded debug input time
32-bit VBUSP slave interface for debug (internally converted to APB)
32-bit ATB output port for debug/trace
Interface with Arm GIC-500 Interrupt Controller (SoC level, not part of CC_ARMSS)
Supports the SoC multi-core cache coherency architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com