Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 242 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM652X Datasheet HTML 238Page - Texas Instruments AM652X Datasheet HTML 239Page - Texas Instruments AM652X Datasheet HTML 240Page - Texas Instruments AM652X Datasheet HTML 241Page - Texas Instruments AM652X Datasheet HTML 242Page - Texas Instruments AM652X Datasheet HTML 243Page - Texas Instruments AM652X Datasheet HTML 244Page - Texas Instruments AM652X Datasheet HTML 245Page - Texas Instruments AM652X Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 299 page
background image
242
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Integrated Vectored Interrupt Manager (VIM)
512 interrupts per core
Only interrupts connected to R5F Core 0 are available in lock mode
Each interrupt programmable as either IRQ or FIQ
Each interrupt has a programmable enable mask
Each interrupt has a programmable 4-bit priority
Priority interrupt supported
Vectored Interrupt Interface
Compatible with R5F VIC Port
Programmable 32-bit vector address per interrupt
Address is SECDED error protected
Default vector addresses provided on DED
Software Interrupt generation
Standard Arm CoreSight debug and trace architecture at the MCU_ARMSS level
Cross Triggering: Supported by Cross Trigger Interface (CTI) (per CPU) and Cross Trigger Matrix
(CTM) components
Processor Trace: Supported by Embedded Trace Macrocell (ETM) (per CPU) and Advanced Trace
Bus (ATB) Funnel components
Integrated ECC Aggregators
Support for error injection to all supported ECC memory blocks to test ECC functionality in safety-
critical applications (add-ON function from TI)
One ECC Aggregator per core to cover all RAMs associated with that core
Boot
From ROM or external memory
From TCM
The MCU_ARMSS does not support the following features in this device:
ACP Port (no coherence)
AXI Peripheral Port (PPX/PPV); corresponds to the VBUSM Peripheral Port at the MCU_ARMSS level
Bus parity/ECC
For more information, see section MCU Cortex-R5F Subsystem in chapter Processors and Accelerators of
the device TRM.
6.5
GPU
The graphics processing unit (GPU) accelerates 2-dimensional (2D) and 3-dimensional (3D) graphics and
compute applications.
The GPU module is a scalable architecture which efficiently processes a number of differing multimedia
data types concurrently:
Pixel Data
Vertex Data
General Purpose Processing
The GPU subsystem supports the following features:
Single-core GPU architecture is consists of:
1 × GPU core
Shared system level cache of 64 KB
Tile-based deferred rendering architecture:
Reduces external bandwidth to SDRAM
32x32 pixels tile size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com