Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 245 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 245 Page - Texas Instruments

Back Button AM652X Datasheet HTML 241Page - Texas Instruments AM652X Datasheet HTML 242Page - Texas Instruments AM652X Datasheet HTML 243Page - Texas Instruments AM652X Datasheet HTML 244Page - Texas Instruments AM652X Datasheet HTML 245Page - Texas Instruments AM652X Datasheet HTML 246Page - Texas Instruments AM652X Datasheet HTML 247Page - Texas Instruments AM652X Datasheet HTML 248Page - Texas Instruments AM652X Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 299 page
background image
245
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Two Real-Time Transfer Units (RTU_PRU0 and RTU_PRU1), each with
8KB program memory with ECC
16KB Broadside (BS) RAM
MAC (Multiplier with optional Accumulation)
CRC32/16 HW accelerator
Byte Swap, for Little/Big Endian conversion
Two instances of SUM32
Task Manager
XFR2TR, for accelerating the internal memory copy of worklist from TR
Supports 128-bit wide PSI-L RX/TX port for streaming access through NAVSS0
Scratchpad Memory (SPAD) with 4 banks of 30 x 32-bit registers
64KB Shared general purpose memory RAM with ECC (signified Data RAM2), shared between PRU0
and PRU1
Two 8KB Data Memories with ECC (signified Data RAM0 and Data RAM1)
Two 256-bit VBUSM Master Ports:
Separate port for each PRUn/RTU_PRUn (where n = 0 or 1)
Optional address translation for PRUn (where n = 0 or 1) transactions to External Host
16 Software Events generated by 2 PRUs
Two Real-Time Ethernet ports (MII_G_RT1 and MII_G_RT2) configurable to connect to each PRUn
(where n = 0 or 1) to support multiple industrial communication protocols.
Each of the Ethernet ports can be configured as MII/RGMII/SGMII ports
NOTE: SGMII mode is supported only for PRU_ICSSG2 instance
Two Industrial Ethernet Peripheral's (IEP0/IEP1) to manage/generate Industrial Ethernet functions such
as time stamping.
Each of the Industrial Ethernet 64-bit timers support 10 capture and 16 compare events along with
slow and fast compensation.
Supports up to 4 sets of 3 phased motor control with 12 primary and 12 complimentary
programmable PWM outputs.
Up to 9 safety events with optional external trip IO per PWM set with hardware glitch filter.
One MDIO port to control external Ethernet PHY
One Enhanced Capture Module (ECAP0)
16550-compatible UART with a dedicated 192MHz clock to support 12-Mbps PROFIBUS®
Interrupt Controller (INTC)
Up to 64 internal events, generated by modules, internal to the PRU_ICSSG
Up to 96 external events, generated by the system
Supports up to 20 interrupt channels
Generation of 20 Host interrupts:
2 Host interrupts to PRU0 and PRU1
2 Host interrupts to RTU_PRU0 and RTU_PRU1
8 Host interrupts, exported from the PRU_ICSSG for signaling the Arm interrupt controllers
(pulse and level provided)
8 Host Interrupts for the Task Managers
Each system event can be enabled and disabled
Each host event can be enabled and disabled
Hardware prioritization of events
One 32-bit VBUSP slave (target) port for memory mapped register and internal memories access
Flexible power management support
Integrated 32-bit Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com