Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 248 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 248 Page - Texas Instruments

Back Button AM652X Datasheet HTML 244Page - Texas Instruments AM652X Datasheet HTML 245Page - Texas Instruments AM652X Datasheet HTML 246Page - Texas Instruments AM652X Datasheet HTML 247Page - Texas Instruments AM652X Datasheet HTML 248Page - Texas Instruments AM652X Datasheet HTML 249Page - Texas Instruments AM652X Datasheet HTML 250Page - Texas Instruments AM652X Datasheet HTML 251Page - Texas Instruments AM652X Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 299 page
background image
248
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Power Management features
DMSC Control Module
Contains various control, configuration and status MMRs for power management functions.
Main Oscillator Control
Controls the main SOC oscillator power down.
Controls the POR-RC oscillator root clock gating to avoid high frequency clock propagation
during the SOC DeepSleep and DeeperSleep .
Support for DMTIMER to continue counting and generate interrupt via SWAKEUP even during
SOC oscillator power down mode. The 4 DMTIMER modules support SWAKEUP generation.
Memory power management
Power OFF of ROM during sleep modes.
Retention of RAM during sleep modes.
IO Power Management
Controls IO Isolation while going into Standby mode.
Controls IO Wakeup capability.
External signals for power control
Support for 64 Cortex-M3 controlled general purpose outputs.
Support for 64 general purpose inputs which can be used by Cortex-M3.
Support for 64 hardware controlled outputs.
Support for 64 hardware controlled inputs.
Security Control features
Security Manager module
Device security management
Device type control (GP, EMU, HS etc.).
Emulation control
JTAG control
Key Management
Firewall and Priv-ID manager
Dedicated VBUSP port for firewall emulation and security configuration.
Issues interrupt to Cortex-M3 upon exception detection.
Accessible by Cortex-M3 only as default setting.
Debug SS handshake protocol for challenge-response protocol
Communication channel between DebugSS and DMSC to carry-out challenge response protocol
to open SoC level JTAG port.
AES engine with 128, 192 and 256-bits support
No data fetch engine, data pushed via host into AES registers.
Separate firewall control for two HIB.
Ability to select KEK as default key for AES operation.
DPA /EMA countermeasure
DMSC module Not Supported features:
Cortex-M3 Memory Protection Unit (MPU)
ETM
No big-endian support.
No support for SWAKEUP/CLKSTOP_WAKEUP event generation from WW-RTI.
For more information, see section Device Management and Security Controller (DMSC) in chapter Device
Configuration of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com