Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 249 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM652X Datasheet HTML 245Page - Texas Instruments AM652X Datasheet HTML 246Page - Texas Instruments AM652X Datasheet HTML 247Page - Texas Instruments AM652X Datasheet HTML 248Page - Texas Instruments AM652X Datasheet HTML 249Page - Texas Instruments AM652X Datasheet HTML 250Page - Texas Instruments AM652X Datasheet HTML 251Page - Texas Instruments AM652X Datasheet HTML 252Page - Texas Instruments AM652X Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 299 page
background image
249
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8
Memory Subsystem
6.8.1
MSMC
The
Multi-core
Shared
Memory
Controller
(MSMC)
forms
the
heart
of
the
compute
cluster
(COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected
processing elements and the rest of the system. MSMC serves as the data-movement backbone of the
compute cluster.
MSMC supports the following features:
2MB (2 banks x 1MB) SRAM with ECC:
Shared coherent level 2/level 3 memory-mapped SRAM
Shared coherent level 3 cache
256-bit processor port bus and 40-bit physical address bus
Coherent unified bi-directional interfaces to connect to processors or device masters
One infrastructure master interface
Single external memory master interface
Supports distributed virtual system
Supports internal DMA engine – DRU (Data Routing Unit)
DMA in/out L2 SRAM, MSMC, DDR and system
L2, L3 cache pre-warming and post flushing
Bandwidth management with starvation bound
Two-level QoS support for real-time/non-real-time split
Security firewall for SRAM/cache and external memory
ECC error protection
Scrubbing on MSMC data memory (no scrubbing on tag RAMs or memory blocks used by DRU)
Parity protection and detection on all addresses, routing control and SECDED protection on data
pipelines
One interconnect messaging interface that supports DMA/prefetch requests to DRU
Trace and debugging support
Supports dynamic power up and power down on PDs low power modes, if required by system
applications
Supports dynamic clock gating on all logic units
Supports low power mode during low-usage processor states
MSMC does not support the following:
Cache coherence between multiple MSMC clusters
Atomic operation for compute cluster interface
AMBA-style exclusive bus operations to strongly ordered, device, or non-cacheable memory locations.
DRU memory management unit
PSI-L supported MMU control messaging
For more information, see section Multicore Shared Memory Controller (MSMC) in chapter Device
Configuration of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com