| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 247 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 247 Page - Texas Instruments |
|
247 / 299 page ![]() 247 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Separate local memory bank within subsystem for I-code and d-code – 192KB of Instruction code (I-code). – 80KB of data space (D-code), split in 2 banks. – I-code and D-code can be mixed in any memory bank. – External world can access these memories if allowed via Firewall. • Firewall enabled 32-bits VBUSP CBA-SS interconnect – Low latency access from Cortex-M3 to ROM/RAM. – Cross-bar to allow Cortex-M3 and external host to access resources within DMSC. – Firewall policies enforced at each slave port to restrict access. – Channelized firewall for Message manager. – External 32-bits VBUSP master and slave interface – Address translation module to allow Cortex-M3 to reach any memory, with option Security attributes. • Interrupts – Up to 80 input interrupts • Active high level or pulse interrupts – internally treated as asynchronous. • Capable of Waking up the DMSC and SoC from Standby mode. • Configurable Wakeup capability. – Interrupt Aggregator module for MiniNav and Main Nav interrupts • Four timer module – 32-bits up counter. – 64-bits can be achieved by cascading two timer modules. • One WW RTI module (watch dog timer) – RTI mode. – WatchDog – Issue cold/warm reset to SoC. • Debug – DAP based debug interface to Arm core. – Full debug support inside Arm core. All debug functionality is present including data matching for watch point generation. – Standard trace support using ITM. – Limited Support for external Arm cross trigger interface (CTI) by providing interface signal to halt. • Fault Detection and Correction – Supports Double detection and Single error correction for I-code memory – Supports Double detection and Single error correction for D-code memory – Lock-Unlock based on 32bit keys for critical MMR writes. – Dedicated fault detected interrupt output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |