| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 252 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 252 Page - Texas Instruments |
|
252 / 299 page ![]() 252 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC) • Provides 1 memory write access unit (Write Unit 0): – Supports write bursts up to 32 bytes (limited by Tx Per-Channel FIFO depth) – Provides a 32-bit wide VBUSP write-only master interface for peripheral accesses. – Supports up to 8 outstanding writes • Provides 1 memory read access unit – Supports 1 outstanding read per interface (VBUSP) – Supports read burst up to 32 bytes (limited by Rx Per-Channel FIFO depth) – Provides a 32-bit wide VBUSP read-only master interface for peripheral accesses • Supports up to 3 simultaneous destination (Tx) channels • Supports up to 3 simultaneous source (Rx) channels • Supports static Transfer Requests (TRs) only • Supports MCAN special transfer mode • Provides per-channel buffering: – Provides 8x128-bit word deep data FIFO for each destination channel – Provides 8x128-bit word deep data FIFO for each source channel – Provides 128-bit wide PSI-L compliant data interface to remote UDMA and remote peripherals – Includes 1 output event transport lane – Provides 128-bit wide PSI-L compliant data interface from remote UDMA and remote peripherals – Includes 1 input event transport lane 6.10.1.1.3 PDMA0 Features The MAIN domain PDMA0 supports the following features: • Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC) • Provides 1 memory write access unit (Write Unit 0): – Supports write bursts up to 32 bytes (limited by Tx Per-Channel FIFO depth) – Provides a 32-bit wide VBUSP write-only master interface for peripheral accesses – Supports up to 8 outstanding writes • Provides 1 memory read access unit (Read Unit 0): – Supports 1 outstanding read per interface (VBUSP) – Supports read burst up to 32 bytes (limited by Rx Per-Channel FIFO depth) – Provides a 32-bit wide VBUSP read-only master interface for peripheral accesses • Supports up to 3 simultaneous destination (Tx) channels • Supports up to 3 simultaneous source (Rx) channels • Supports static Transfer Requests (TRs) only • Supports MCAN special transfer mode • Provides per-channel buffering: – Provides 8x128-bit word deep data FIFO for each destination channel – Provides 8x128-bit word deep data FIFO for each source channel – Provides 128-bit wide PSI-L compliant data interface to remote UDMA and remote peripherals – Includes 1 output event transport lane – Provides 128-bit wide PSI-L compliant data interface from remote UDMA and remote peripherals – Includes 1 input event transport lane 6.10.1.1.4 PDMA1 Features The MAIN domain PDMA1 supports the following features: • Implements CPPI 5.0 compliant third-party Unified Transfer Controller (UTC) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |