| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 256 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 256 Page - Texas Instruments |
|
256 / 299 page ![]() 256 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Address Lookup Engine (ALE) – Configurable number of addresses plus VLANs – Wire rate lookup – Host controlled time-based aging and/or auto-aging – Spanning tree support – Multiple spanning tree support – L2 address lock and L2 filtering support – MAC authentication (802.1x) – Receive-based or destination-based Multicast and Broadcast rate limits – MAC address blocking – Source port locking – OUI (Vendor ID) host accept/deny feature – Configurable number of classifier/policers • VLAN support – 802.1Q compliant • Auto add port VLAN for untagged frames on ingress • Auto VLAN removal on egress and auto pad to minimum frame size • Ethernet Statistics: – EtherStats and 802.3Stats Remote network Monitoring (RMON) statistics gathering (per port) – Castagnoli or Ethernet CRC selectable per port – Ethernet Mac transmit to Ethernet Mac receive Loopback mode (digital loopback) supported – CPSGMII Loopback Modes (transmit to receive) – Maximum frame size of 2024 bytes – Management Data Input/Output (MDIO) module for PHY Management with Clause 45 support – Programmable interrupt control with selected interrupt pacing – Host port CPPI Streaming Packet Interface (CPPI_GCLK) • Flow Control Support (802.3x) • Digital loopback and FIFO loopback modes supported • Emulation support • Full duplex mode supported in 10/100/1000 Mbps. Half-duplex mode supported only in 10/100 Mbps modes only. • RAM Error Detection and Correction (SECDED) The following MCU_CPSW0 features are not supported: • Maximum frame size of 9600 bytes • MII/ GMII Mode • SGMII Mode • MACSEC • Synchronous Ethernet • Software reset • Ethernet Port Reset Isolation • Rate-limiting is not supported in half-duplex mode • Dual VLAN switch operations are not supported • Gigabit half-duplex mode is not supported (10/100 Mbps half-duplex mode is supported). For more information, see section Gigabit Ethernet Switch (MCU_CPSW0) in chapter Peripherals of the device TRM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |