| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 258 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 258 Page - Texas Instruments |
|
258 / 299 page ![]() 258 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Key Features: – Full coherency across all commands – Bank interleaving – Priority based scheduling – Scheduling based on bank openness – Class of Service (CoS) • Three latency classes supported • Programmable counters to tune CoS – Read/write scheduling to avoid turn-around time – Prioritized refresh scheduling – Dynamic change of refresh rate via software for extended temperatures – Statistical counters for performance management • ECC Features: – SECDED for 32-bit interface (39-bit with ECC) • Supported only for DDR4 – SECDED for 16-bit interface (22-bit with ECC) • Supported for DDR4 and LPDDR4 – SECDED for 8-bit interface (13-bit with ECC) • Supported only for DDR4 – Read-modify-write ECC for sub-word writes – ECC address error logging – Statistical counters for counting ECC errors – Injecting ECC errors during normal operation for validation – Automatic ECC scrub operation inside the Synopsys DDR Controller for any read command received which has led to a single-bit error. • At any time, only one outstanding ECC scrub operation is allowed inside the Synopsys DDR Controller • Low Power Features: – All power modes defined by JEDEC (clock stop for LPDDRx, self-refresh, power-down, etc.) – Self-refresh entry and exit via software or clock stop req/ack – System bus clock stop via clock stop request when controller is idle – Automatic idle power saving mode when no or low activity is detected – DDR and system bus clock frequency change using self-refresh via software or clock stop request – Turning off SoC power after DDR is put into self-refresh (DDR reset and CKE IO retention) • Functional Safety Features: – ECC on data – Parity on address and command – ECC on internal RAMs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |