Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 266 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 266 Page - Texas Instruments

Back Button AM652X Datasheet HTML 262Page - Texas Instruments AM652X Datasheet HTML 263Page - Texas Instruments AM652X Datasheet HTML 264Page - Texas Instruments AM652X Datasheet HTML 265Page - Texas Instruments AM652X Datasheet HTML 266Page - Texas Instruments AM652X Datasheet HTML 267Page - Texas Instruments AM652X Datasheet HTML 268Page - Texas Instruments AM652X Datasheet HTML 269Page - Texas Instruments AM652X Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 299 page
background image
266
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
The GPMC supports the following various access types:
•
Asynchronous read/write access
•
Asynchronous read page access (4, 8, and 16 Word16)
•
Synchronous read/write access
•
Synchronous read/write burst access without wrap capability (4, 8 and 16 Word16)
•
Synchronous read/write burst access with wrap capability (4, 8 and 16 Word16)
•
Address-data-multiplexed (AD) access
•
Address-address-data (AAD) multiplexed access
•
Little-endian access only
The GPMC can communicate with a wide range of external devices:
•
External asynchronous or synchronous 8-bit wide memory or device (non burst device)
•
External asynchronous or synchronous 16-bit wide memory or device
•
External 16-bit non-multiplexed NOR flash device
•
External 16-bit address and data multiplexed NOR Flash device
•
External 8-bit and 16-bit NAND flash device
•
External 16-bit pseudo-SRAM (pSRAM) device
The following features are not supported on this family of devices:
•
DMA mode is not supported.
•
WAIT[3:2] are not pinned out. All CS regions must use WAIT0 or WAIT1.
•
Asynchronous page write mode is not supported.
•
Multiple write access in asynchronous mode is not supported.
•
Multiple read is not supported in address/data-multiplexed and AAD-multiplexed modes.
For more information, see section General-Purpose Memory Controller (GPMC) in chapter Peripherals of
the device TRM.
6.11.14 HYPERBUS
The Hyperbus module is a part of the device Flash Subsystem (FSS).
The Hyperbus module is low pin count memory interface that provides high read/write performance. The
Hyperbus module connects to hyperbus memory (HyperFlash or HyperRAM) and uses simple hyperbus
protocol for read and write transactions.
There is one Hyperbus module inside the device. The Hyperbus module includes one HyperBus Memory
Controller (HBMC).
Hyperbus module supports the following features:
•
Support for Cypress®/Spansion® HyperFlash and HyperRAM
•
Up to 166 MHz maximum memory bus operation for reads
–
Support up to 166 MHz dual data rate (333 MBps) flash devices for system requiring rapid boot or
instant-on displays
–
Support up to 333 MBps external pseudo-RAM (HyperRAM) for systems
•
Low pin count interface with LVCMOS I/O pins that may be muxed with other FSS interfaces (OSPIs)
•
Two memory chip selects
•
Linear incrementing mode for reads and writes
•
Up to 16 outstanding read transactions
•
Asynchronous bus clock
Hyperbus Not Supported Features:
•
Cache-line wrap and fixed address modes for reads or writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com