Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 269 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 269 Page - Texas Instruments

Back Button AM652X Datasheet HTML 265Page - Texas Instruments AM652X Datasheet HTML 266Page - Texas Instruments AM652X Datasheet HTML 267Page - Texas Instruments AM652X Datasheet HTML 268Page - Texas Instruments AM652X Datasheet HTML 269Page - Texas Instruments AM652X Datasheet HTML 270Page - Texas Instruments AM652X Datasheet HTML 271Page - Texas Instruments AM652X Datasheet HTML 272Page - Texas Instruments AM652X Datasheet HTML 273Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 299 page
background image
269
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Although intercomponent digital audio interface reception (DIR) mode (this is, S/PDIF stream receiving) is
not natively supported by the MCASP module, a specific TDM mode implementation for the MCASP
receivers allows an easy connection to external DIR components (for example, S/PDIF to I2S format
converters).
The device have integrated three MCASP modules with:
•
MCASP0 supporting up to 16 channels with independent TX/RX clock/sync domain
•
MCASP1 supporting up to 10 channels with independent TX/RX clock/sync domain
•
MCASP2 supporting up to 4 channels with independent TX/RX clock/sync domain
MCASP module includes the following main features:
•
Independent serializer for each AXRx channel of each MCASP module.
•
Clock stop request/acknowledge protocol
•
A single 32-bit buffer per serializer for transmit and receive operations
•
1 x interconnect interface port for CBASS0
•
Two independent clock generator modules for transmit and receive.
–
Clocking flexibility allows the MCASP to receive and transmit at different rates. For example, the
MCASP can receive data at 48 kHz but output up-sampled data at 96 kHz or 192 kHz.
•
MCASP module functional clock can be generated:
–
internally (master mode)
–
supplied over MCASP serial interface (slave mode)
–
has a controllable functional clock divide ratio
•
Independent transmit and receive modules, each includes:
–
Programmable clock and frame sync generator.
–
TDM streams from 2 to 32, and 384 time slots.
–
Support for time slot sizes of 8, 12, 16, 20, 24, 28, and 32 bits.
–
Data formatter for bit manipulation.
•
Glueless connection to audio analog-to-digital converters (ADC), digital-to-analog converters (DAC),
codec, digital audio interface receiver (DIR), and S/PDIF transmit physical layer components.
•
Wide variety of I2S and similar bit-stream format.
•
Integrated digital audio interface transmitter (DIT):
–
S/PDIF, IEC60958-1, AES-3 formats.
–
Enhanced channel status/user data RAM.
•
384-slot TDM with external digital audio interface receiver (DIR) device.
–
For DIR reception, an external DIR receiver integrated circuit should be used with I2S output format
and connected to the MCASP receive section.
•
Support for 2x DMA requests (one per direction):
–
1 level-sensitive transmit direct memory access (DMA) request common for all of the MCASP
serializers
–
1 level-sensitive receive direct memory access (DMA) request common for all of the MCASP
serializers
–
All transmit DMA requests are mapped to the device DMA controllers
•
One transmit interrupt request common for all serializers
•
One receive interrupt request common for all serializers
•
Each of the Rx and Tx interrupts is propagated to different host processors via the device Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com