Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 119 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 119 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 115Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 116Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 117Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 118Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 119Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 120Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 121Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 122Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 123Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 149 page
background image
June 25, 2004 pSRAM_Type02_15A1
Type 2 pSRAM
119
Advance
Informatio n
Power Up Sequence
1. Apply power.
2. Maintain stable power (VCC min.=2.7V) for a minimum 200 µs with
CS1#=high or CS2=low.
Timing Diagrams
Power Up
Notes:
1. After VCC reaches VCC(Min.), wait 200 µs with CS1# high. Then the device gets into the normal operation.
Notes:
1. After VCC reaches VCC(Min.), wait 200 µs with CS2 low. Then the device gets into the normal operation.
Figure 43. Power Up 1 (CS1# Controlled)
Figure 44. Power Up 2 (CS2 Controlled)
Min. 200 s
VCC
CS1#
CS2
VCC(Min)
Normal Operation
Power Up Mode
Min. 200µs
VCC
CS1#
CS2
VCC(Min)
Normal Operation
Power Up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com