Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 122 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 122 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 118Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 119Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 120Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 121Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 122Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 123Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 124Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 125Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 126Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 149 page
background image
122
Type 2 pSRAM
pSRAM_Type02_15A1 June 25, 2004
Advance
Info rmation
16M pSRAM
Notes:
1. Standby mode is supposed to be set up after at least one active operation after power up. ISB1 is measure after 60ms from
the time when standby mode is set up.
32M pSRAM
Notes:
1. Standby mode is supposed to be set up after at least one active operation after power up. ISB1 is measure after 60ms from
the time when standby mode is set up.
Item
Symbol
Test Conditions
Min Typ Max Unit
Average Operating
Current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA,
CS1#
≤0.2V, LB#≤0.2V and/or UB#≤0.2V,
CS2≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
—
—
7
mA
ICC2
Async
Cycle time=Min, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN=VIH or VIL
—
—
30
mA
Page
Cycle time=tRC+3tPC, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN-VIH or VIL
35
mA
Standby Current (CMOS)
ISB1 (Note 1)
Other inputs=0-VCC
1. CS1# ≥ VCC - 0.2, CS2 ≥ VCC - 0.2V (CS1#
controlled) or
2. 0V ≤ CS2 ≤ 0.2V (CS2 controlled)
—
—
80
mA
Item
Symbol
Test Conditions
Min Typ Max Unit
Average Operating
Current
ICC1
Cycle time=1µs, 100% duty, IIO=0mA,
CS1#
≤0.2V, LB#≤0.2V and/or UB#≤0.2V,
CS2
≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
—
—
7
mA
ICC2
Async
Cycle time=Min, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN=VIH or VIL
—
—
35
mA
Page
Cycle time=tRC+3tPC, IIO=0mA, 100% duty,
CS1#=VIL, CS2=VIH LB#=VIL and/or UB#=VIL,
VIN-VIH or VIL
40
mA
Standby Current (CMOS)
ISB1 (Note 1)
Other inputs=0-VCC
1. CS1# ≥ VCC - 0.2, CS2 ≥ VCC - 0.2V (CS1#
controlled) or
2. 0V ≤ CS2 ≤ 0.2V (CS2 controlled)
—
— 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com