Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2616 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2616 Datasheet HTML 4Page - Semtech Corporation SC2616 Datasheet HTML 5Page - Semtech Corporation SC2616 Datasheet HTML 6Page - Semtech Corporation SC2616 Datasheet HTML 7Page - Semtech Corporation SC2616 Datasheet HTML 8Page - Semtech Corporation SC2616 Datasheet HTML 9Page - Semtech Corporation SC2616 Datasheet HTML 10Page - Semtech Corporation SC2616 Datasheet HTML 11Page - Semtech Corporation SC2616 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
Evaluation Board Schematic
Figure 2
J10
J14
GND
Place Jumper JP2 to have Silver
Box on at all times
R11 2.2
C12
1nF
C1
1500uF
Q4
2N2222
*
J12
SS/EN
*
U4 SC2616
1
8
6
7
4
3
2
5
9
18
17
16
15
14
13
12
11
10
FB
VDDQIN
VTT
VDDQSTBY
5VSBY
LGND
VTTSNS
VTT
5VCC
SS/EN
COMP
12VCC
TG
BG
PGND
AGND
SLP_S3
SLP_S5
C16
10uF
C13
330uF
C9
0.1uF
*
VDDQ
J8
JP2
MAN PS_ON
1
2
+12V
*
VTT
J17
R7
10.0k/1%
J4
GND
+12V
SOURCE TO SOURCE
CONFIGURATION
R9 10k
R10
20K
J9
VDDQ
5V
J7
BF_CUT/S3
C7
1500uF
Q1
Q2
R6
33K
J3
5V
R5
10.0k/1%
C4
1500uF
J13
VTT
J20
PWR_OK
J5
5V STBY
C10
TBD
R12
10k
C2
1500uF
R3
2.2
J11
PWR GD/S5
C8
1500uF
R4
2.2
C14
100uF
C17
0.1uF
C15
0.1uF
J1
12V
J16
GND
*
R8
10k
C3
1uF
R13
10k
Q3
5VSBY
J19
ATX M/B MOLEX 39-29-9202
J18
GND
C18
1500uF
J6
GND
J2
GND
C6
1500uF
5V
J15
C5
1500uF
5VSBY
L1
2.8uH
C11
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com