Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2616 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2616 Datasheet HTML 1Page - Semtech Corporation SC2616 Datasheet HTML 2Page - Semtech Corporation SC2616 Datasheet HTML 3Page - Semtech Corporation SC2616 Datasheet HTML 4Page - Semtech Corporation SC2616 Datasheet HTML 5Page - Semtech Corporation SC2616 Datasheet HTML 6Page - Semtech Corporation SC2616 Datasheet HTML 7Page - Semtech Corporation SC2616 Datasheet HTML 8Page - Semtech Corporation SC2616 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
S5
0.1uF
12V
5VSTBY
(SC1549)
5V
Instantly Available
ACPI Controller
1uF
10k
U4 SC2616
1
8
6
7
4
3
2
5
9
18
17
16
15
14
13
12
11
10
FB
VDDQIN
VTT
VDDQSTBY
5VSBY
LGND
VTTSNS
VTT
5VCC
SS/EN
COMP
12VCC
TG
BG
PGND
AGND
SLP_S3
SLP_S5
2 AMP
Suspend to RAM
10k
S3
0.1uF
Suspend to disk
0.1uF
0.1uF
0.1uF
VTT
5V
5V STBY
Cin
1uF
5V Dual
VDDQ
Cin
Cout
L
Dual 5V Typical Application Schematic
Figure 1: ACPI controller supplies “always on” 5V supply, eliminating the need for back to back MOSFETs. (see
applications section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com