Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2616 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2616 Datasheet HTML 1Page - Semtech Corporation SC2616 Datasheet HTML 2Page - Semtech Corporation SC2616 Datasheet HTML 3Page - Semtech Corporation SC2616 Datasheet HTML 4Page - Semtech Corporation SC2616 Datasheet HTML 5Page - Semtech Corporation SC2616 Datasheet HTML 6Page - Semtech Corporation SC2616 Datasheet HTML 7Page - Semtech Corporation SC2616 Datasheet HTML 8Page - Semtech Corporation SC2616 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2616
Complete DDR Power Solution
Features
Applications
Revision 3, March 2003
Typical Application Circuit
Description
The SC2616 is a fully integrated DDR power solution pro-
viding power for the VDDQ and the VTT rails. The SC2616
also completely adheres to the ACPI sleep state power
requirements. A synchronous buck controller provides
the high current of the VDDQ at high efficiency, while a
linear sink/source regulator provides the termination
voltage with 2 Amp Source/Sink capability. This approach
makes the best trade-off between cost and perfor-
mance. Additional logic and UVLOs complete the func-
tionality of this single chip DDR power solution in compli-
ance with S3 and S5 motherboard signals.
The SC2616 is capable of sourcing up to 20A at the
switcher output, and 2A source/sink at the VTT output.
The MLP package provides excellent thermal impedance
while keeping small footprint. VDDQ current limit as well
as 3 independent thermal shutdown circuits assure safe
operation under all fault conditions.
Power solution for DDR memory per ACPI
motherboard specification
High speed data line termination
Memory cards
High efficiency (90%) switcher for VDDQ supplies
20 Amps
High current gate drives
Single chip solution complies fully with ACPI power
sequencing specifications
Internal S3 state LDO
supplies high standby
VDDQ current (0.65Amp Min.)
ACPI sleep state controlled
2 Amp VTT source/sink capability
UVLO on 5V and 12V
Independent thermal shutdown for VDDQ and VTT
Fast transient response
18 pin MLP package
0.1uF
10k
VTT
1uF
10k
12V
0.1uF
S5
L
Suspend to RAM
U4 SC2616
1
8
6
7
4
3
2
5
9
18
17
16
15
14
13
12
11
10
FB
VDDQIN
VTT
VDDQSTBY
5VSBY
LGND
VTTSNS
VTT
5VCC
SS/EN
COMP
12VCC
TG
BG
PGND
AGND
SLP_S3
SLP_S5
Suspend to disk
5V STBY
S3
0.1uF
10uF
Cout
Cin
0.1uF
VDDQ
0.1uF
5V


Similar Part No. - SC2616

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2616MLTR SEMTECH-SC2616MLTR Datasheet
325Kb / 16P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
More results

Similar Description - SC2616

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
A complete communications solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2516 SEMTECH-SC2516 Datasheet
263Kb / 15P
Complete Three-in-One DDR Power Solution With BF_CUT
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com