Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2616 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2616 Datasheet HTML 9Page - Semtech Corporation SC2616 Datasheet HTML 10Page - Semtech Corporation SC2616 Datasheet HTML 11Page - Semtech Corporation SC2616 Datasheet HTML 12Page - Semtech Corporation SC2616 Datasheet HTML 13Page - Semtech Corporation SC2616 Datasheet HTML 14Page - Semtech Corporation SC2616 Datasheet HTML 15Page - Semtech Corporation SC2616 Datasheet HTML 16Page - Semtech Corporation SC2616 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
Compensation Components
Once the filter components have been determined, the
compensation components can be calculated. The goal
of compensation is to modify the frequency response
characteristics of the error amplifier to ensure that the
closed loop feedback system has the highest gain and
bandwidth possible while maintaining stability.
A simplified stability criteria states that the open loop
gain of the converter should fall through 0dB at 20dB/
decade at a frequency no higher than 20-25% of the
switching frequency.
This objective is most simply met by generating asymp-
totic bode plots of the small signal response of the vari-
ous sections of the converter.
It is convenient to split the converter into two sections,
the Error amp and compensation components being one
section and the Modulator, output filter and divider be-
ing the other.
First calculate the DC Filter + Modulator + Divider gain.
The DC filter gain is always 0dB, the Modulator gain is
19dB at 5V in and is proportional to Vin, so modulator
gain at any input voltage is.
⋅
+
=
5
V
Log
20
19
G
IN
MOD
the divider gain is given by


+
⋅
=
B
A
B
DIV
R
R
R
Log
G
20
So the total Filter + Modulator + Divider DC Gain is


+
⋅
+
⋅
+
=
B
A
B
IN
FMD
R
R
R
Log
V
Log
G
20
5
20
19
L
VOUT
Co
SC2610 AND FETS
FB
OUT
COMP
Ra
MODULATOR
REF
+
-
EA
Rb
Resr
Zp
Zf
Zs
Applications Information (Cont.)
Calculate the filter double pole frequency (Fp(lc))
LCo
)
lc
(
Fp
π
=
2
1
and calculate ESR Zero frequency (Fz(esr))
sr
Re
Co
)
esr
(
Fz
⋅
⋅
π
=
2
1
Choose an open loop crossover frequency (Fco) no higher
than 20% of the switching frequency (Fs).
The proximity of Fz(esr) to the crossover frequency Fco
determines the type of compensation required, if
Fz(esr)>Fco/4, use type 3 compensation, otherwise use
type 2. Type 1 compensation is not appropriate and is
not discussed here.
Type 2 Example
As an example of type 2 compensation, we will use the
Evaluation board schematic.
The total Filter+Modulator+Divider DC Gain is:
dB
6
.
13
06
.
8
98
.
6
06
.
8
Log
20
5
5
Log
20
19
G
FMD
=
+
⋅
+
⋅
+
=
This is drawn as the line A-B in Figure 5.
kHz
.
.
LCo
)
lc
(
Fp
6
1
10
3000
10
3
3
2
1
2
1
6
6
≈
⋅
⋅
⋅
π
=
π
=
−
−
3.3uH
VOUT
3000uF
SC2616 AND FETS
FB
OUT
COMP
6.98k
MODULATOR
REF
+
-
EA
8.06k
22mOhm
Cs
Cp
Rs
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com