Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL3021 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL3021
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3021 Datasheet(HTML) 4 Page - Texas Instruments

  TIL3021 Datasheet HTML 1Page - Texas Instruments TIL3021 Datasheet HTML 2Page - Texas Instruments TIL3021 Datasheet HTML 3Page - Texas Instruments TIL3021 Datasheet HTML 4Page - Texas Instruments TIL3021 Datasheet HTML 5Page - Texas Instruments TIL3021 Datasheet HTML 6Page - Texas Instruments TIL3021 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
6
4
RL
1
2
RL
VCC
180
Ω
220 V, 60 Hz
Rin
TIL3020, TIL3023
Figure 5. Resistive Load
6
4
1
2
ZL
VCC
180
Ω
220 V, 60 Hz
Rin
TIL3020, TIL3023
2.4 k
Ω
0.1
µF
IGT ≤ 15 mA
Figure 6. Inductive Load With Sensitive-Gate Traic
6
4
1
2
ZL
VCC
180
Ω
220 V, 60 Hz
Rin
TIL3020, TIL3023
1.2 k
Ω
0.2
µF
15 mA < IGT < 50 mA
Figure 7. Inductive Load With Nonsensitive-Gate Triac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com