Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL3021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL3021
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3021 Datasheet(HTML) 1 Page - Texas Instruments

  TIL3021 Datasheet HTML 1Page - Texas Instruments TIL3021 Datasheet HTML 2Page - Texas Instruments TIL3021 Datasheet HTML 3Page - Texas Instruments TIL3021 Datasheet HTML 4Page - Texas Instruments TIL3021 Datasheet HTML 5Page - Texas Instruments TIL3021 Datasheet HTML 6Page - Texas Instruments TIL3021 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2
3
6
5
4
ANODE
CATHODE
NC
MAIN TERM
TRIAC SUB†
MAIN TERM
TIL3020 – TIL3023 ...PACKAGE
(TOP VIEW)
NC – No internal connection
† Do not connect this terminal
logic diagram
6
4
1
2
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
Copyright
© 1995, Texas Instruments Incorporated
7–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 400-V Phototriac Driver Output
• Gallium-Arsenide-Diode Infrared Source
and Optically-Coupled Silicon Triac Driver
(Bilateral Switch)
• UL Recognized... File Number E65085
• High Isolation... 3535 V peak
• Output Driver Designed for 220 V AC
• Standard 6-Pin Plastic DIP
description
Each device consists of a gallium-arsenide
infrared-emitting diode optically coupled to a
silicon phototriac mounted on a 6-pin lead frame
encapsulated within an electrically nonconductive
plastic compound. The case withstands soldering
temperature with no deformation. Device perfor-
mance
characteristics
remain
stable
when
operated in high-humidity conditions.
absolute maximum ratings at 25
°C free-air (unless otherwise noted)†
Input-to-output peak voltage, 5 s maximum duration, 60 Hz (see Note 1)
3.535 kV
. . . . . . . . . . . . . . . . . . . . . .
Input diode reverse voltage
3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode forward current, continuous
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output repetitive peak off-state voltage
250 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output on-state current, total rms value (50-60 Hz, full sine wave):
TA = 25°C
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = 70°C
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output driver nonrepetitive peak on-state current
(tw = 10 ms, duty cycle = 10%, see Figure 7)
1.2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature:
Infrared-emitting diode (see Note 2)
100 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phototriac (see Note 3)
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total device (see Note 4)
330 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Input-to-output peak voltage is the internal device dielectric breakdown rating.
2. Derate linearly to 100
°C free-air temperature at the rate of 1.33 mW/°C.
3. Derate linearly to 100
°C free-air temperature at the rate of 4 mW/°C.
4. Derate linearly to 100
°C free-air temperature at the rate of 4.4 mW/°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL3021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL302 TI1-TIL302 Datasheet
114Kb / 7P
NUMERIC DISGPLAYS
TIL302 TI-TIL302 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
More results

Similar Description - TIL3021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
Optoisolators
logo
Texas Instruments
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com