Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL3021 Datasheet(PDF) 5 Page - Texas Instruments

Part # TIL3021
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3021 Datasheet(HTML) 5 Page - Texas Instruments

  TIL3021 Datasheet HTML 1Page - Texas Instruments TIL3021 Datasheet HTML 2Page - Texas Instruments TIL3021 Datasheet HTML 3Page - Texas Instruments TIL3021 Datasheet HTML 4Page - Texas Instruments TIL3021 Datasheet HTML 5Page - Texas Instruments TIL3021 Datasheet HTML 6Page - Texas Instruments TIL3021 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
0.010 (0,25) NOM
1
Seating Plane
0
°–15°
105
°
90
°
2
3
6
5
4
CL
CL
6,61 (0.260)
6,09 (0.240)
7,62 (0.300) T.P.
(see Note A)
5,46 (0.215)
2,92 (0.115)
1,78 (0.070)
0,51 (0.020)
1,78(0.070)
3,17 (0.125)
2,29 (0.090)
1,27 (0.050)
4 Places
2,54 (0.100) T.P.
(see Note A)
1,01 (0.040) MIN
0,534 (0.021)
0,381 (0.015)
6 Places
1,78 (0.070) MAX
6 Places
Index Dot
(see Note B)
9,40 (0.370)
8,38 (0.330)
(see Note C)
NOTES: A. Leads are within 0,13 (0.005) radius of true position (T.P.) with maximum material condition and unit installed.
B. Pin 1 identified by index dot.
C. Terminal connections:
1. Anode (part of the infrared-emitting diode)
2. Cathode (part of the infrared-emitting diode)
3. No internal connection
4. Main terminal (part of the phototransistor)
5. Triac Substrate (DO NOT connect) (part of the phototransistor)
6. Main terminal (part of the phototransistor)
D. The dimensions given fall within JEDEC MO-001 AM dimensions.
E. All linear dimensions are given in millimeters and parenthetically given in inches.
Figure 8. Mechanical Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com