Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL3021 Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL3021
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3021 Datasheet(HTML) 2 Page - Texas Instruments

  TIL3021 Datasheet HTML 1Page - Texas Instruments TIL3021 Datasheet HTML 2Page - Texas Instruments TIL3021 Datasheet HTML 3Page - Texas Instruments TIL3021 Datasheet HTML 4Page - Texas Instruments TIL3021 Datasheet HTML 5Page - Texas Instruments TIL3021 Datasheet HTML 6Page - Texas Instruments TIL3021 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics 25
°C free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IR
Static reverse current
VR = 3 V
0.05
100
µA
VF
static forward voltage
IF = 10 mA
1.2
1.5
V
IDRM
Repetitive off-state current, either direction
VDRM = 250 V,
See Note 5
10
100
nA
dv/dt
Critical rate of rise of off-state voltage
See Figure 1
100
V/
µs
dv/dt(c)
Critical rate of rise of communication voltage
IO = 15 mA,
See Figure 1
0.15
V/
µs
TIL3020
15
30
IFT
Input trigger current either direction
TIL3021
Output supply voltage=3V
8
15
mA
IFT
Input trigger current, either direction
TIL3022
Output supply voltage = 3 V
5
10
mA
TIL3023
3
5
VTM
Peak on-state voltage, either direction
ITM = 100 mA
1.4
3
V
IH
Holding current, either direction
100
µA
NOTE 5: Test voltage must be applied at a rate no higher than 12 V/
µs.
PARAMETER MEASUREMENT INFORMATION
NOTE A. The critical rate of rise of off-state voltage, dv/dt, is measured with the input of 0 volts. The frequency of Vin is increased until
the phototriac turns on. This frequency is then used to calculate the dv/dt according to the following formula:
The critical rate of rise of commutating voltage, dv/dt(c), is measured by applying occasional 5-volt pulses to the input and
increasing the frequency of Vin until the phototriac remains on (latches) after the input pulse has ceased. With no further input
pulses., the frequency of Vin is then gradually decreased until the phototriac turns off. The frequency at which turn-off occurs
can then be used to calculate the dv/dt(c) according to the formula shown above.
dv dt
+ 2 2 pfV
in
1
2
4
6
RL
Vin = 30 V rms
10 k
Ω
VCC
Input
(see Note A)
2N3904
Figure 1. Critical Rate of Rise Test Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com