Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP221P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP221P Datasheet HTML 4Page - Power Integrations, Inc. TOP221P Datasheet HTML 5Page - Power Integrations, Inc. TOP221P Datasheet HTML 6Page - Power Integrations, Inc. TOP221P Datasheet HTML 7Page - Power Integrations, Inc. TOP221P Datasheet HTML 8Page - Power Integrations, Inc. TOP221P Datasheet HTML 9Page - Power Integrations, Inc. TOP221P Datasheet HTML 10Page - Power Integrations, Inc. TOP221P Datasheet HTML 11Page - Power Integrations, Inc. TOP221P Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TOP221-227
C
12/97
8
Key Application Considerations
General Guidelines
• Keep the SOURCE pin length very short. Use a Kelvin
connection to the SOURCE pin for the CONTROL pin
bypass capacitor. Use single point grounding techniques at
the SOURCE pin as shown in Figure 9.
• Minimize peak voltage and ringing on the DRAIN voltage
at turn-off. Use a Zener or TVS Zener diode to clamp the
DRAIN voltage below the breakdown voltage rating of
TOPSwitch under all conditions, including start-up and
overload.
The maximum recommended clamp Zener
voltage for the TOP2XX series is 200V and the
corresponding maximum reflected output voltage on the
primary is 135V. Please see Step 4: AN-16 in the Data
Book and Design Guide.
• The transformer should be designed such that the rate of
change of drain current due to transformer saturation is
within the absolute maximum specification (
∆I
D in 100ns
before turn off as shown in Figure 13). As a guideline, for
most common transformer cores, this can be achieved by
maintaining the Peak Flux Density (at maximum I
limit
current) below 4200 Gauss (420mT). The transformer
spreadsheets Rev. 2.1 (or later) for continuous and Rev.1.0
(or later) for discontinuous conduction mode provide the
necessary information.
• Do not plug TOPSwitch into a “hot” IC socket during test.
External CONTROL pin capacitance may be charged to
excessive voltage and cause TOPSwitch damage.
• While performing TOPSwitch device tests, do not exceed
maximum CONTROL pin voltage of 9 V or maximum
CONTROL pin current of 100 mA.
• Under some conditions, externally provided bias or supply
current driven into the CONTROL pin can hold the
TOPSwitch in one of the 8 auto-restart cycles indefinitely
and prevent starting. To avoid this problem when doing
bench evaluations, it is recommended that the V
C power
supply be turned on before the DRAIN voltage is applied.
TOPSwitch can also be reset by shorting the CONTROL
pin to the SOURCE pin momentarily.
• CONTROL pin currents during auto-restart operation are
much lower at low input voltages (< 36 V) which increases
the auto-restart cycle time (see the I
C vs. DRAIN Voltage
Characteristic curve).
• Short interruptions of AC power may cause TOPSwitch to
enter the 8-count auto-restart cycle before starting again.
This is because the input energy storage capacitors are not
completely discharged and the CONTROL pin capacitance
has not discharged below the internal power-up reset
voltage.
• In some cases, minimum loading may be necessary to keep
a lightly loaded or unloaded output voltage within the
desired range due to the minimum ON-time.
Replacing
TOPSwitch with TOPSwitch-II
There is no external latching shutdown function in TOPSwitch-
II. Otherwise, the functionality of the TOPSwitch-II devices is
same as that of the TOPSwitch family.
However, before
considering TOPSwitch-II as a 'drop in' replacement in an
existing TOPSwitch design, the design should be verified as
described below.
The new TOPSwitch-II family offers more power capability
than the original TOPSwitch family for the same MOSFET
R
DS(ON).
Therefore, the original TOPSwitch design must be
reviewed to make sure that the selected TOPSwitch-II
replacement device and other primary components are not over
stressed under abnormal conditions.
The following verification steps are recommended:
• Check the transformer design to make sure that it meets the
∆I
D specification as outlined in the General Guidelines
section above.
• Thermal: Higher power capability of the TOPSwitch-II
would in many instances allow use of a smaller MOSFET
device (higher R
DS(ON)) for reduced cost. This may affect
TOPSwitch power dissipation and power supply efficiency.
Therefore thermal performance of the power supply must
be verified with the selected TOPSwitch-II device.
• Clamp Voltage: Reflected and Clamp voltages should be
verified not to exceed recommended maximums for the
TOP2XX Series: 135V Reflected/200V Clamp. Please see
Step 4: AN-16 in the Data Book and Design Guide and
readme.txt file attached to the transformer design
spreadsheets.
• Agency Approval: Migrating to TOPSwitch-II may require
agency re-approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com