Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221P Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP221P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221P Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP221P Datasheet HTML 9Page - Power Integrations, Inc. TOP221P Datasheet HTML 10Page - Power Integrations, Inc. TOP221P Datasheet HTML 11Page - Power Integrations, Inc. TOP221P Datasheet HTML 12Page - Power Integrations, Inc. TOP221P Datasheet HTML 13Page - Power Integrations, Inc. TOP221P Datasheet HTML 14Page - Power Integrations, Inc. TOP221P Datasheet HTML 15Page - Power Integrations, Inc. TOP221P Datasheet HTML 16Page - Power Integrations, Inc. TOP221P Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
C
12/97
TOP221-227
13
See Note C
I
C = 4 mA
Output
TOP221-224
MOSFET Enabled
TOP225-227
Output MOSFET Disabled
V
C(SHUNT)
I
CD1
I
CD2
36
5.5
5.7
6.0
±50
0.6
1.2
1.6
0.7
1.4
1.8
0.5
0.8
1.1
DRAIN Supply
Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
CONTROL Supply/
Discharge Current
V
V
ppm/˚C
mA
OUTPUT (cont.)
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. The breakdown voltage and leakage current measurements can be accomplished as shown in Figure 15 by using
the following sequence:
i. The curve tracer should initially be set at 0 V. The base output should be adjusted through a voltage sequence
of 0 V, 6.5 V, 4.3 V, and 6.5 V, as shown. The base current from the curve tracer should not exceed 100 mA. This
CONTROL pin sequence interrupts the Auto-restart sequence and locks the
TOPSwitch internal MOSFET in the
OFF State.
ii. The breakdown and the leakage measurements can now be taken with the curve tracer. The maximum
voltage from the curve tracer must be limited to 700 V under all conditions.
C. It is possible to start up and operate
TOPSwitch at DRAIN voltages well below 36 V. However, the CONTROL pin
charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart duty cycle. Refer
to the characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low voltage operation
characteristics.
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V
; T
j = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com