Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221P Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP221P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221P Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP221P Datasheet HTML 8Page - Power Integrations, Inc. TOP221P Datasheet HTML 9Page - Power Integrations, Inc. TOP221P Datasheet HTML 10Page - Power Integrations, Inc. TOP221P Datasheet HTML 11Page - Power Integrations, Inc. TOP221P Datasheet HTML 12Page - Power Integrations, Inc. TOP221P Datasheet HTML 13Page - Power Integrations, Inc. TOP221P Datasheet HTML 14Page - Power Integrations, Inc. TOP221P Datasheet HTML 15Page - Power Integrations, Inc. TOP221P Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TOP221-227
C
12/97
12
I
C = 4 mA
I
C = 4 mA
S2 open
TOP221
T
j = 25 °C
I
D = 25 mA
T
j = 100 °C
TOP222
T
j = 25 °C
I
D = 50 mA
T
j = 100 °C
TOP223
T
j = 25 °C
I
D = 100 mA
T
j = 100 °C
TOP224
T
j = 25 °C
I
D = 150 mA
T
j = 100 °C
TOP225
T
j = 25 °C
I
D = 200 mA
T
j = 100 °C
TOP226
T
j = 25 °C
I
D = 250 mA
T
j = 100 °C
TOP227
T
j = 25 °C
I
D = 300 mA
T
j = 100 °C
See Note B
V
DS = 560 V, TA = 125 °C
See Note B
I
D = 100 µA, TA = 25 °C
Measured in a Typical Flyback
Converter Application.
t
ILD
V
C(RESET)
R
DS(ON)
I
DSS
BV
DSS
t
r
t
f
100
125
135
2.0
3.3
4.3
31.2
36.0
51.4
60.0
15.6
18.0
25.7
30.0
7.8
9.0
12.9
15.0
5.2
6.0
8.6
10.0
3.9
4.5
6.4
7.5
3.1
3.6
5.2
6.0
2.6
3.0
4.3
5.0
250
700
100
50
Current Limit
Delay
Thermal Shutdown
Temperature
Power-up Reset
Threshold Voltage
ON-State
Resistance
OFF-State
Current
Breakdown
Voltage
Rise
Time
Fall
Time
ns
°C
V
Ω
µA
V
ns
ns
CIRCUIT PROTECTION (cont.)
OUTPUT
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V
; T
j = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com