Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP221P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP221P Datasheet HTML 6Page - Power Integrations, Inc. TOP221P Datasheet HTML 7Page - Power Integrations, Inc. TOP221P Datasheet HTML 8Page - Power Integrations, Inc. TOP221P Datasheet HTML 9Page - Power Integrations, Inc. TOP221P Datasheet HTML 10Page - Power Integrations, Inc. TOP221P Datasheet HTML 11Page - Power Integrations, Inc. TOP221P Datasheet HTML 12Page - Power Integrations, Inc. TOP221P Datasheet HTML 13Page - Power Integrations, Inc. TOP221P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TOP221-227
C
12/97
10
ABSOLUTE MAXIMUM RATINGS1
DRAIN Voltage ............................................ -0.3 to 700 V
DRAIN Current Increase (
∆I
D) in 100 ns except during
blanking time ......................................... 0.1 x I
LIMIT(MAX)
(2)
CONTROL Voltage ..................................... - 0.3 V to 9 V
CONTROL Current ............................................... 100 mA
Storage Temperature ..................................... -65 to 125
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Related to transformer saturation – see Figure 13.
3. Normally limited by internal circuitry.
4. 1/16" from case for 5 seconds.
Operating Junction Temperature(3) ................ -40 to 150
°C
Lead Temperature(4) ................................................ 260
°C
Thermal Impedance: Y Package (
θ
JA)
(5) .................70
°C/W
(
θ
JC)
(6) ...................2
°C/W
P/G Package:
(
θ
JA) .........45 °C/W
(7); 35
°C/W(8)
(
θ
JC)
(6)...............................5
°C/W
5. Free standing with no heatsink.
6. Measured at tab closest to plastic interface or source pin.
7. Soldered to 0.36 sq. inch (232 mm2), 2 oz. (610 gm/m2) copper clad.
8. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 gm/m2) copper clad.
I
C = 4 mA, Tj = 25 ˚C
I
C = ICD1 + 0.4 mA, See Figure 10
I
C = 10 mA, See Figure 10
I
C = 4 mA, Tj = 25 ˚C
See Figure 4
See Note A
See Figure 4
I
C = 4 mA, Tj = 25 ˚C
See Figure 11
V
C = 0 V
T
j = 25 ˚C
V
C = 5 V
See Note A
90
100
110
64
67
70
0.7
1.7
2.7
-21
-16
-11
-0.05
0.8
2.0
3.3
10
15
22
0.18
-2.4
-1.9
-1.2
-2
-1.5
-0.8
0.4
f
OSC
D
MAX
D
MIN
I
B
Z
C
I
C
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
Minimum
Duty Cycle
PWM
Gain
PWM Gain
Temperature Drift
External
Bias Current
Dynamic
Impedance
Dynamic Impedance
Temperature Drift
CONTROL Pin
Charging Current
Charging Current
Temperature Drift
kHz
%
%
%/mA
%/mA/˚C
mA
Ω
%/˚C
mA
%/˚C
SHUTDOWN/AUTO-RESTART
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V
; T
j = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com