Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1443213 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1443213
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1443213 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1443213 Datasheet HTML 1Page - PHOENIX CONTACT 1443213 Datasheet HTML 2Page - PHOENIX CONTACT 1443213 Datasheet HTML 3Page - PHOENIX CONTACT 1443213 Datasheet HTML 4Page - PHOENIX CONTACT 1443213 Datasheet HTML 5Page - PHOENIX CONTACT 1443213 Datasheet HTML 6Page - PHOENIX CONTACT 1443213 Datasheet HTML 7Page - PHOENIX CONTACT 1443213 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/1443213
01.11.2013   Page 3 / 8
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V - 1443213
Technical data
Cable
Conductor resistance
39 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V
Test voltage, cable
≥ 1200 V
Flame resistance
According to DIN VDE 0482
According to DIN EN 50265-2-1
Halogen-free
in accordance with DIN VDE 0472 part 815
Other resistance
Largely oil-resistant
partly UV-resistant in accordance with DIN EN ISO 4892-2-A
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Classifications
eCl@ss
eCl@ss 4.0
27060306
eCl@ss 4.1
27060306
eCl@ss 5.0
27061801
eCl@ss 5.1
27061801
eCl@ss 6.0
27279218
eCl@ss 7.0
27279218
eCl@ss 8.0
27279218
ETIM
ETIM 2.0
EC000830
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
31251501
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com