Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1443213 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1443213
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1443213 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1443213 Datasheet HTML 1Page - PHOENIX CONTACT 1443213 Datasheet HTML 2Page - PHOENIX CONTACT 1443213 Datasheet HTML 3Page - PHOENIX CONTACT 1443213 Datasheet HTML 4Page - PHOENIX CONTACT 1443213 Datasheet HTML 5Page - PHOENIX CONTACT 1443213 Datasheet HTML 6Page - PHOENIX CONTACT 1443213 Datasheet HTML 7Page - PHOENIX CONTACT 1443213 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/1443213
01.11.2013   Page 2 / 8
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V - 1443213
Technical data
General
Insulation resistance
≥ 100 MΩ
Status display
1 LED
Protective circuit/component
Varistor
Surge voltage category
III
Pollution degree
3
Torque
0.6 Nm (Valve connector)
Material
Inflammability class according to UL 94
V0
Valve plug contact material
CuSn
Valve plug contact surface material
Sn
Valve plug contact insert material
PA 66
Material housing valve plug
TPU
Sealing material
TPU (Seal molded)
Cable
Cable type
PUR halogen-free black
Cable type (abbreviation)
PUR
Cable abbreviation
Li9Y11Y-HF
UL AWM style
20549
Conductor cross section
3x 0.5 mm²
AWG signal line
20
Conductor structure signal line
28x 0.15 mm
Core diameter including insulation
1.5 mm ±0.05 mm (signal line)
Wire colors
Black 1, black 2, green/yellow
Overall twist
3 wires, twisted
External sheath, color
Black-gray RAL 7021
External cable diameter D
4.5 mm ± 0.2 mm
Smallest bending radius, fixed installation
22.5 mm
Number of bending cycles
15000000
Bending radius
50 mm
Traversing path
0.9 m
Traversing rate
5 m/s
Acceleration
30 m/s²
Outer sheath, material
PUR
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Insulation resistance
min. 20 MΩ*km



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com