Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1443213 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1443213
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1443213 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1443213 Datasheet HTML 1Page - PHOENIX CONTACT 1443213 Datasheet HTML 2Page - PHOENIX CONTACT 1443213 Datasheet HTML 3Page - PHOENIX CONTACT 1443213 Datasheet HTML 4Page - PHOENIX CONTACT 1443213 Datasheet HTML 5Page - PHOENIX CONTACT 1443213 Datasheet HTML 6Page - PHOENIX CONTACT 1443213 Datasheet HTML 7Page - PHOENIX CONTACT 1443213 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
https://www.phoenixcontact.com/us/products/1443213
01.11.2013   Page 6 / 8
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V - 1443213
Accessories
Marker pen
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Mounting material
Screw - SAC-V-SCREW-M3-29 KNURL - 1403779
Fillister head screw with plastic knurl, M3 x 40
 
 
Screwdriver tools
Screw insert - SF-BIT-PH 1-70 - 1212582
Screw bit, PH crosshead, E6.3-1/4" drive, size: PH 1 x 70 mm, hardened, suitable for holder according to DIN 3126-F6.3/
ISO 1173
 
 
Stripping tool
Stripping tool - WIREFOX SAC - 1212623
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from Ø of 4.4 to 7
mm, any stripping length
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com