Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1443213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1443213
Description  Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1443213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1443213 Datasheet HTML 1Page - PHOENIX CONTACT 1443213 Datasheet HTML 2Page - PHOENIX CONTACT 1443213 Datasheet HTML 3Page - PHOENIX CONTACT 1443213 Datasheet HTML 4Page - PHOENIX CONTACT 1443213 Datasheet HTML 5Page - PHOENIX CONTACT 1443213 Datasheet HTML 6Page - PHOENIX CONTACT 1443213 Datasheet HTML 7Page - PHOENIX CONTACT 1443213 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1443213
01.11.2013   Page 1 / 8
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-V - 1443213
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 3-position, PUR halogen-free, Black-gray RAL 7021, Free cable end, on Valve connector
BI (11 mm), with 1 LED, connected with Varistor, Cable length: 10 m
Product Features
 Easy and safe: 100% electrically tested plug-in components
 Robust valve connector with varistor as protective circuit
 Convenient: increased machine availability thanks to quick and easy diagnostics
 Our standard: robust halogen-free PUR cable
 
Key commercial data
Packing unit
1 1
Custom tariff number
85444290
Country of origin
Poland
Technical data
Dimensions
Length of cable
10 m
Ambient conditions
Ambient temperature (operation)
-20 °C ... 85 °C (valve plug)
Degree of protection
IP65
IP67
IP68
General
Rated current at 40°C
4 A
Rated voltage
24 V
Number of positions
3
Contact resistance
≤ 5 mΩ


Similar Part No. - 1443213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1443200 PHOENIX-1443200 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/BI-1L-V
logo
raaco Great Britain Ltd
144322 RAACO-144322 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
PHOENIX CONTACT
1443226 PHOENIX-1443226 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/C-1L-V
1443239 PHOENIX-1443239 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/C-1L-V
1443242 PHOENIX-1443242 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/C-1L-V
More results

Similar Description - 1443213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402986 PHOENIX-1402986 Datasheet
110Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A-1L-V 230V
1415934 PHOENIX-1415934 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-V
1435263 PHOENIX-1435263 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-Z
1438862 PHOENIX-1438862 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI
1438914 PHOENIX-1438914 Datasheet
46Kb / 2P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/BI-1L-Z SCO
1443132 PHOENIX-1443132 Datasheet
107Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A-1L-V
1443174 PHOENIX-1443174 Datasheet
107Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-V
1443255 PHOENIX-1443255 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/C-1L-V
1443297 PHOENIX-1443297 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/CI-1L-V
1696206 PHOENIX-1696206 Datasheet
90Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-S-F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com