Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZRGBA Datasheet(PDF) 2 Page - TT Electronics.

Part # OV4ZRGBA
Description  Multi-LED Recessed Die Design (RDD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZRGBA Datasheet(HTML) 2 Page - TT Electronics.

  OV4ZRGBA Datasheet HTML 1Page - TT Electronics. OV4ZRGBA Datasheet HTML 2Page - TT Electronics. OV4ZRGBA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B 05/2011
Page 2 of 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Optimal IV
® COS Star Series
OV4ZRGBA
Optical Characteristics (I
F = 350 mA/die , TJ = 25° C)
SYMBOL
PARAMETER
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
2.5
3.0
V
Forward Voltage (Blue)
3.6
4.0
V
Forward Voltage (Green)
3.9
4.4
V
Forward Voltage (Red)
2.5
3.0
V
VF—Temperature Co-efficient (Amber & Red)
-6.42
----
mV/°C
VF—Temperature Co-efficient ( Blue)
-4.81
----
mV/°C
-4.95
----
mV/°C
VF—Temperature Co-efficient (Green)
Electrical Characteristics (I
F = 350 mA , TJ = 25° C)
Notes:
1. Pulse width 1 ms maximum. Duty cycle 1/16.
2. Thermal Resistance junction to Board (Tjhs) is <2° C/W
Absolute Maximum Ratings
DC Forward Current /die
700 mA
Peak Pulsed Forward Current
1
6.0 A
Reverse Voltage
5 V
Maximum Allowable Junction Temperature
2
130° C
Storage and Operating Temperature
-50° ~ +100 ° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Packaging: 10 Optimal IV
® stars per tube
COLOR
DOMINANT
WAVELENGTH
SPECTRAL
HALF WIDTH
DOMINANT WAVELENGTH
TEMPERATURE CO-EFFICIENT
MIN
TYP
MIN
TYP
MAX
Amber
15
36
580
585
590
16 nm
0.07 nm/° C
Blue
5
5
450
455
460
20 nm
0.04 nm/° C
Green
30
30
520
522
525
40 nm
0.04 nm/° C
Red
18
35
620
625
630
37 nm
0.05 nm/° C
LUMINOUS FLUX
(lm) @ IF = 350mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com