Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZRGBA Datasheet(PDF) 1 Page - TT Electronics.

Part # OV4ZRGBA
Description  Multi-LED Recessed Die Design (RDD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZRGBA Datasheet(HTML) 1 Page - TT Electronics.

  OV4ZRGBA Datasheet HTML 1Page - TT Electronics. OV4ZRGBA Datasheet HTML 2Page - TT Electronics. OV4ZRGBA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B 05/2011
Page 1 of 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Optimal IV
® Star Series
Multi-LED Recessed Die Design (RDD)
OV4ZRGBA
•
Designed for 4 1-watt chips in recessed cavity with an optical
grade 5mm diameter lens
•
Exceptional thermal resistance (< 2
° C/W junction to
heatsink)
•
Soldering points or pins provided for electrical connections
•
Locating slots for M3 screws
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Notes:
•
Test conditions: IF=350mA/700mA; TJ<130°C
•
All dimensions are in inches & [millimeters].
•
Additional heat sinking required.
Part Number
Color
Material
Beam
Angle
Typ. Dominant
Wavelength
(nm)
Typical Luminous
Flux (lm)
Typical Forward
Voltage (VF)
350 mA
700mA
350 mA
OV4ZRGBA
Red
AllnGaP
60°
625
35
75
2.5
Green
InGaN
522
30
45
3.9
Blue
InGaN
455
5
9
3.6
Amber
AllnGaP
585
36
55
2.5
PIN #
DESIGNATOR
1, 6
CATHODE
2, 5
ANODE
3, 4
CATHODE


Similar Part No. - OV4ZRGBA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OV4ZRRRR TTELEC-OV4ZRRRR Datasheet
1Mb / 6P
Optimal IV Star Series Mono-Color, Multi-LED
More results

Similar Description - OV4ZRGBA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Vishay Siliconix
26 VISHAY-26 Datasheet
112Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Recessed Design
07-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com