Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZRGBA Datasheet (PDF) - TT Electronics.

Part # OV4ZRGBA
Description  Multi-LED Recessed Die Design (RDD)
File Size   216.1 Kbytes
Html View  1   2   3 
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZRGBA Datasheet (PDF) - TT Electronics.



Similar Part No. - OV4ZRGBA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OV4ZRRRR TTELEC-OV4ZRRRR Datasheet
1Mb / 6P
Optimal IV Star Series Mono-Color, Multi-LED
More results


Similar Description - OV4ZRGBA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Vishay Siliconix
26 VISHAY-26 Datasheet
112Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Recessed Design
07-Aug-12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com