Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZRGBA Datasheet(PDF) 3 Page - TT Electronics.

Part # OV4ZRGBA
Description  Multi-LED Recessed Die Design (RDD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZRGBA Datasheet(HTML) 3 Page - TT Electronics.

  OV4ZRGBA Datasheet HTML 1Page - TT Electronics. OV4ZRGBA Datasheet HTML 2Page - TT Electronics. OV4ZRGBA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B 05/2011
Page 3 of 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Optimal IV
® COS Star Series
OV4ZRGBA
Total Lum inous Flux vs IF
0
50
100
150
200
250
300
350
400
0
200
400 600 800 1000 1200 1400
IF (m A)
blue
green
amber
red
IF vs VF
0
200
400
600
800
1000
1200
1400
1600
0
3
5
8
10
13
15
18
20
VF (V)
blue
green
amber
red
Dom inant Wavelength vs IF
450
470
490
510
530
550
570
590
610
630
650
0
200
400
600
800
IF (m A)
blue
green
amber
red
Relative Spectral Responses@ 350m A / die
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
400
500
600
700
800
Wavelengths (nm )
red
green
amber
blue
Derating Curve/die
0
100
200
300
400
500
600
700
800
0
10
2030405060708090 100 110 120 130
Junction Temperature(oC)
Ta = 25oC
Spectral Responses for CRI 90
( varied RGBA I
F Drive s )
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
0.0012
0.0014
0.0016
400
450
500
550
600
650
700
750
800
w avelength (nm )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com