Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952801 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS952801
Description  Programmable Timing Control HubTM for K8TM processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952801 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS952801 Datasheet HTML 7Page - Integrated Circuit Systems ICS952801 Datasheet HTML 8Page - Integrated Circuit Systems ICS952801 Datasheet HTML 9Page - Integrated Circuit Systems ICS952801 Datasheet HTML 10Page - Integrated Circuit Systems ICS952801 Datasheet HTML 11Page - Integrated Circuit Systems ICS952801 Datasheet HTML 12Page - Integrated Circuit Systems ICS952801 Datasheet HTML 13Page - Integrated Circuit Systems ICS952801 Datasheet HTML 14Page - Integrated Circuit Systems ICS952801 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS952801
Advance Information
0719—01/22/03
I
2C Table: Output Control Register
Control
Function
Bit 7
PCICLK_F1
Output Control
RW
Disable
Enable
1
Bit 6
PCICLK_F0
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
I
2C Table: Byte Count Register
Control
Function
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
I
2C Table: Watchdog Timer Register
Control
Function
Bit 7
WD7
RW
-
-
0
Bit 6
WD6
RW
-
-
0
Bit 5
WD5
RW
-
-
0
Bit 4
WD4
RW
-
-
1
Bit 3
WD3
RW
-
-
0
Bit 2
WD2
RW
-
-
0
Bit 1
WD1
RW
-
-
0
Bit 0
WD0
RW
-
-
0
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Control
Function
Bit 6
WDEN
Watchdog Enable
R
Disable
Enable
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
WD SF4
RW
-
-
0
Bit 3
WD SF3
RW
-
-
0
Bit 2
WD SF2
RW
-
-
0
Bit 1
WD SF1
RW
-
-
0
Bit 0
WD SF0
RW
-
-
1
Type
Type
Byte 9
Pin #
Name
1
0
Disable
0
PWD
PWD
1
01
0
Enable
PWD
14
Type
Name
0
1
13
22
21
Byte 7
Pin #
Byte 8
Pin #
Name
20
19
18
17
PWD
-
Writing to this register
will configure how
many bytes will be read
back, default is 0F = 15
bytes.
-
-
-
-
-
-
-
-
These bits represent
X*290ms the watchdog
timer will wait before it
goes to alarm mode.
Default is 16 X 290ms
=4.64 seconds
-
-
-
-
-
-
-
Byte 10
Pin #
Bit 7
-M/NEN
M/N Programming
Enable
Name
Type
RW
-
-
-
-
-
-
Writing to these bit will
configure the safe
frequency as Byte4bit
2, (7:4), Byte 24bit(6:5)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com