Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952801 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS952801
Description  Programmable Timing Control HubTM for K8TM processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952801 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS952801 Datasheet HTML 13Page - Integrated Circuit Systems ICS952801 Datasheet HTML 14Page - Integrated Circuit Systems ICS952801 Datasheet HTML 15Page - Integrated Circuit Systems ICS952801 Datasheet HTML 16Page - Integrated Circuit Systems ICS952801 Datasheet HTML 17Page - Integrated Circuit Systems ICS952801 Datasheet HTML 18Page - Integrated Circuit Systems ICS952801 Datasheet HTML 19Page - Integrated Circuit Systems ICS952801 Datasheet HTML 20Page - Integrated Circuit Systems ICS952801 Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS952801
Advance Information
0719—01/22/03
Absolute Maximum Ratings
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
5mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
mA
Operating Supply
Current
IDD(op)
CL = 0 pF; Select @ 100MHz
180
mA
Power Down Supply
Current
IDDPD
CL = 0 pF; With input address to Vdd or
GND
40
mA
Input frequency
Fi
VDD = 3.3 V;
11
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3
ms
Skew
1
TCPU-PCI
VT = 1.5 V
1.5
4
ns
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com