Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952801 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS952801
Description  Programmable Timing Control HubTM for K8TM processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952801 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS952801 Datasheet HTML 14Page - Integrated Circuit Systems ICS952801 Datasheet HTML 15Page - Integrated Circuit Systems ICS952801 Datasheet HTML 16Page - Integrated Circuit Systems ICS952801 Datasheet HTML 17Page - Integrated Circuit Systems ICS952801 Datasheet HTML 18Page - Integrated Circuit Systems ICS952801 Datasheet HTML 19Page - Integrated Circuit Systems ICS952801 Datasheet HTML 20Page - Integrated Circuit Systems ICS952801 Datasheet HTML 21Page - Integrated Circuit Systems ICS952801 Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
Integrated
Circuit
Systems, Inc.
ICS952801
Advance Information
0719—01/22/03
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
ZO
VO = VX
15
55
W
Output High Voltage
VOH2B
11.2
V
Output Low Voltage
VOL2B
0.4
V
Output Low Current
IOL2B
VOL = 0.3 V
18
mA
Rise Edge Rate
1
Measured from 20-80%
2
7
V/ns
Fall Edge Rate
1
Measured from 80-20%
2
7
V/ns
VDIFF
Differential Voltage,
Measured @ the Hammer
test load (single-ended
measurement)
0.4
2.3
V
DVDIFF
Change in VDIFF_DC
magnitude, Measured @
the Hammer test load
(single-ended
measurement)
-150
150
mV
VCM
Common Mode Voltage,
Measured @ the Hammer
test load (single-ended
measurement)
1.05
1.45
V
DVCM
Change in Common Mode
Voltage, Measured @ the
Hammer test load (single-
ended measurement)
-200
200
mV
Duty Cycle
1
dt2B
VT = 50%
45
53
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = VX
0
200
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
3 - Vpullup(external) = 1.5V, Min = Vpullup(external)/2-150mV; Max=(Vpullup(external)/2)+150mV
2 - VDIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the "true"
input level and VCP is the "complement" input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com