Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952801 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS952801
Description  Programmable Timing Control HubTM for K8TM processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952801 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS952801 Datasheet HTML 14Page - Integrated Circuit Systems ICS952801 Datasheet HTML 15Page - Integrated Circuit Systems ICS952801 Datasheet HTML 16Page - Integrated Circuit Systems ICS952801 Datasheet HTML 17Page - Integrated Circuit Systems ICS952801 Datasheet HTML 18Page - Integrated Circuit Systems ICS952801 Datasheet HTML 19Page - Integrated Circuit Systems ICS952801 Datasheet HTML 20Page - Integrated Circuit Systems ICS952801 Datasheet HTML 21Page - Integrated Circuit Systems ICS952801 Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Integrated
Circuit
Systems, Inc.
ICS952801
Advance Information
0719—01/22/03
Electrical Characteristics - ZCLK
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Skew
tsk1
1
VT = 1.5 V
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
250
ps
Electrical Characteristics - AGPCLK, ZCLK
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Skew
tsk1
1
VT = 1.5 V
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
250
ps
Electrical Characteristics - PCICLK
TA = 0 - 70C; VDD = 3.3 V,+/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
55
%
Skew
1
tsk1
VT = 1.5 V
500
ps
tjcyc-cyc
1
VT = 1.5 V
500
ps
tjabs1
VT = 1.5 V
500
ps
1Guaranteed by design, not 100% tested in production.
Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com