Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604AL-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM604AL-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM604AL-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM604AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM604A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 6
www.unisonic.com.tw
QW-R105-032.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
36
V
Differential Input Voltage
VDIFF
36
V
Input Voltage
VIN
-0.3 ~ +36
V
Output Short-Circuit Duration
ID
Infinite
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-55 ~ +125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(VCC
+=5V, V
CC
-=0V, T
A=25C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
+=5V, no load, T
MIN<TA<TMAX
1.4
2.4
mA
Total Supply Current, Excluding
Current In The Voltage Reference
ICC
VCC
+=30V, no load, T
MIN<TA<TMAX
4
mA
ELECT RI CAL CH ARACT ERI ST I CS
(VCC
+ =5V, V
CC
- =Ground, V
OUT=1.4V, TA=25C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA=25C
0.5
3
mV
UM604A-1
TMIN
≤TA≤ TMAX
4
mV
TA=25C
1
5
mV
Input Offset Voltage
UM604A-2
VI(OFF)
TMIN
≤TA≤ TMAX
6
mV
Input Offset Voltage Drift
△VI(OFF)
7
μV/C
TA=25C
2
30
nA
Input Offset Current.
II(OFF)
TMIN
≤TA≤ TMAX
50
nA
TA=25C
20
150
nA
Input Bias Current
II(BIAS)
TMIN
≤TA≤ TMAX
200
nA
VCC=15V, RL=2k,
VOUT=1.4V ~11.4V
50
100
V/mV
Large Signal Voltage Gain
GV
TMIN
≤TA≤ TMAX
25
V/mV
Supply Voltage Rejection Ratio
SVR
VCC=5V ~ 30V
65
100
dB
VCC=+30V (see Note 1)
0
(VCC+)-1.5
V
Input Common Mode Voltage
Range
VI(CM)
TMIN
≤TA≤ TMAX
0
(VCC+)-2
V
TA=25C
70
85
dB
Common Mode Rejection Ratio
CMRR
TMIN
≤TA≤ TMAX
60
dB
Output Current Source
IO(SOUR)
VOUT=2V, VCC=+15V, VID=+1V
20
40
mA
Output Short Circuit to Ground
IO(SC)
VCC=+15V
40
60
mA
Output Current Sink
IO(SINK)
VID= -1V, VCC=+15V, VOUT=+2V
10
20
mA
TA=25C
27
28
V
High Level Output Voltage
VOH
RL=10k ,
VCC
+=30V
TMIN
≤TA≤ TMAX
27
V
RL=10k
5
20
mV
Low Level Output Voltage
VOL
TMIN
≤TA≤ TMAX
20
mV
Slew Rate at Unity Gain
SR
VIN=0.5 ~ 3V, VCC=15V
RL=2k
Ω, CL=100pF, unity gain
0.1
0.3
V/
μs
Gain Bandwidth Product
GBP
VCC=30V, RL=2K, CL=100pF
f=100kHz, VIN=10mV
0.5
0.9
MHz
Total Harmonic Distortion
THD
f=1kHz
GV=20dB, RL=2, VCC=30V
CL=100pF, VO=2Vpp
0.02
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com