Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604AL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM604AL-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM604AL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM604AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UM604A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-032.E
QU AD OPERAT I ON AL
AM PLI FI ER AN D
PROGRAM M ABLE V OLT AGE
REFEREN CE
DESCRI PT I ON
The UTC UM604A is a monolithic IC that includes four op-amps
and an adjustable shunt voltage reference. This device is offering
space and cost saving in many applications like power supply
management or data acquisition systems.
FEAT U RES
OPERATIONAL AMPLIFIER
* Low supply current : 375
μA/op. (@ VCC= 5 V)
* Low input bias current : 20nA
* Medium speed : 0.9MHz
* Low input offset voltage : 0.5mV typ for UM604
* Wide power supply range: ±1.5 ~ ±15V
VOLTAGE REFERENCE
* Adjustable output voltage : VREF to 36V
* Reference voltage tolerance
UM604A-1: ±0.4%
UM604A-2: ±1%
* Sink current capability : 1 ~ 100mA
* Typical output impedance : 0.2
Ω
DIP-16
SOP-16
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM604AL-D16-T
UM604AG-D16-T
DIP-16
Tube
UM604AL-S16-R
UM604AG-S16-R
SOP-16
Tape Reel
M ARK I N G
DIP-16
SOP-16


Similar Part No. - UM604AL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM604AL-S16-R UTC-UM604AL-S16-R Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results

Similar Description - UM604AL-S16-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
Quad Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Feb-1999
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
Quad Operational Amplifier and Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com