Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604AL-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM604AL-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM604AL-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM604AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM604A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 6
www.unisonic.com.tw
QW-R105-032.E
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Equivalent Input Noise Voltage
eN
F=1kHz, VCC=30V, RS=100
Ω
50
nV
Hz
Channel Separation
CS
1kHz<f<20kHz
120
dB
Note 1: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more
than 0.3V, the upper end of the common-mode voltage range is Vcc
+-1.5V. But either of both inputs can go
to +36V without damage.
V OLT AGE REFEREN CE
PARAMETER
SYMBOL
RATING
UNIT
Cathode Current
IK
1 ~ 100
mA
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±0.4%, TA=25C
2.49
2.5
2.51
V
UM604A-1
TMIN
≤TA≤ TMAX
2.48
2.52
V
±1%, TA=25C
2.475
2.5
2.525
V
Reference Input
Voltage
UM604A-2
VREF
TMIN
≤TA≤ TMAX
2.45
2.55
V
Reference Input Voltage
Deviation Over Temperature
Range
△VREF
VKA=VREF; IK=10mA, TMIN
≤TA≤ TMAX
7
30
mV
Ratio of Change in Reference
Input Voltage to Charge in
Cathode to Anode Voltage
REF
KA
V
V
฀
฀
IK=10mA, △VKA=36V ~ 3V
-2
-1.1
MV/V
IK=10mA
1.5
2.5
μA
Reference Input Current
IREF
TMIN
≤TA≤ TMAX
3
μA
Reference Input Current
Deviation over TºRange
0.8
1.2
μA
Minimum Cathode Current for
Regulation
IMIN
VKA= VREF
0.5
1
mA
Off-State Cathode current
IOFF
180
500
nA
Dynamic Impedance-note
1)
ZKA
VKA= VREF, △Ik=1 ~ 100mA, f<1kHz
0.2
0.5
Ω
Note: The dynamic impedance is defined as
ZKA
=
KA
IK
V
V
฀
฀
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com