Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604AL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UM604AL-S16-R
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM604AL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UM604AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM604AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UM604A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R105-032.E
OPERAT I ON AL AM PLI FI ERS
Unit Frequency=F(I)
VCC=±15V,RL=2K,CL=100pF
1000
0
200
600
800
400
-0.01
SOURCE<=
I(A)
=>Sink
-0.005
0
0.005
0.015
0.01
-0.015
GBP=F(I)
0
200
600
800
400
SOURCE<=
I(A)
=>Sink
VCC=±15V,RL=2K,CL=100pF
-0.01 -0.005
00.005
0.015
0.01
-0.015
phase and Gain Margin=F(I)
VCC=±15V,RL=2K,CL=100pF
SOURCE<=
I(A)
=>Sink
0
10
20
30
40
50
60
0
-2
-4
-6
-8
-10
-12
-14
-0.01
0.015
-0.005
0
0.005
0.01
-0.015
Total Harmonic Distorsion
THD=F(freq)
Frequency (Hz)
0.014
0.004
0.006
0.008
0.01
0.012
10
100
1000
10000
Noise = F (frequency)
Frequency (Hz)
80
0
20
40
60
0.01
0.1
1
10
VIO Distribution-Operator 1
VCC+=5V,VCC-=0V
80
0
20
40
60
-3 -2.5
-1
0.5
VIO (mV)
3
-2 -1.5
-0.5
0
1 1.5 2 2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com