Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW309AT Datasheet(PDF) 19 Page - NICHIA CORPORATION

Part # NVSW309AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309AT Datasheet(HTML) 19 Page - NICHIA CORPORATION

Back Button NVSW309AT Datasheet HTML 15Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 16Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 17Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 18Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 19Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 20Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 21Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 22Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 23Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
NICHIA STS-DA1-4490B <Cat.No.170321>
18
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
4.1
0.6
* This LED is designed to be reflow soldered on to a PCB. If dip soldered, Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* This product uses silicone resin for the lens and internal pre-coating resin; the silicone resin is soft.
If pressure is applied to the lens, it may cause the lens to be damaged, chipped, and/or delaminated. If the lens is damaged,
chipped and/or delaminated, then the internal connections may be damaged and the reliability may decrease.
Ensure that pressure is not applied to the lens.
If an automatic pick and place machine is used for the LEDs, use a pick up nozzle that does not affect the lens.
Recommended conditions:
Using a nozzle specifically designed for the LEDs is recommended (See the nozzle drawing below).
* Ensure that the nozzle does not come in contact with the lens when it picks up an LED.
If this occurs, it may cause internal disconnection causing the LED not to illuminate.
(単位 Unit: mm)
A部大
Expansion of A
0.15
4.5
A
Φ3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com