Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW309AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW309AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW309AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
NICHIA STS-DA1-4490B <Cat.No.170321>
2
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=1050mA
3.02
-
V
IF=700mA
2.93
-
R70
Luminous Flux
(Chromaticity Coordinate1)
Φ
v
IF=1050mA
474
-
lm
IF=700mA
332
-
Luminous Intensity
(Chromaticity Coordinate1)
Iv
IF=1050mA
126
-
cd
IF=700mA
88
-
Color Rendering Index
(Chromaticity Coordinate1)
Ra
IF=1050mA
73
-
-
Chromaticity Coordinate1
x
-
IF=1050mA
0.3818
-
-
y
-
IF=1050mA
0.3797
-
-
R8000
Luminous Flux
(Chromaticity Coordinate2)
Φ
v
IF=1050mA
415
-
lm
IF=700mA
291
-
Luminous Intensity
(Chromaticity Coordinate2)
Iv
IF=1050mA
114
-
cd
IF=700mA
78
-
Color Rendering Index
(Chromaticity Coordinate2)
Ra
IF=1050mA
83
-
-
Chromaticity Coordinate2
x
-
IF=1050mA
0.4073
-
-
y
-
IF=1050mA
0.3917
-
-
R70
Luminous Flux
(Chromaticity Coordinate3)
Φ
v
IF=1050mA
480
-
lm
IF=700mA
336
-
Luminous Intensity
(Chromaticity Coordinate3)
Iv
IF=1050mA
127
-
cd
IF=700mA
89
-
Color Rendering Index
(Chromaticity Coordinate3)
Ra
IF=1050mA
73
-
-
R8000
Luminous Flux
(Chromaticity Coordinate3)
Φ
v
IF=1050mA
415
-
lm
IF=700mA
291
-
Luminous Intensity
(Chromaticity Coordinate3)
Iv
IF=1050mA
114
-
cd
IF=700mA
78
-
Color Rendering Index
(Chromaticity Coordinate3)
Ra
IF=1050mA
83
-
-
Chromaticity Coordinate3
x
-
IF=1050mA
0.3447
-
-
y
-
IF=1050mA
0.3553
-
-
Thermal Resistance
RθJS
-
3
4
°C/W
* Characteristics at TJ=25°C and measured in pulse mode.
* Optical Characteristics as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is the thermal resistance from the junction to the TS measurement point.
* RθJS is measured using the Dynamic Mode detailed in JESD51-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com