Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW309AT Datasheet(PDF) 34 Page - NICHIA CORPORATION

Part # NVSW309AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309AT Datasheet(HTML) 34 Page - NICHIA CORPORATION

Back Button NVSW309AT Datasheet HTML 30Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 31Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 32Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 33Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 34Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 35Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 36Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 37Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 38Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
NICHIA STS-DA1-4490B <Cat.No.170321>
33
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NVSW309A
管理番号 No. STS-DA7-10276B
0.37
0.38
0.39
0.40
0.41
0.39
0.40
0.41
0.42
0.43
Taxy
-
40˚C
0˚C
25˚C
100˚C
150˚C
0.37
0.38
0.39
0.40
0.41
0.39
0.40
0.41
0.42
0.43
Ifxy
100mA
350mA
1050mA
2000mA
2400mA
ャン
ョン温
-
色
特性
Junction Temperature vs
Chromaticity Coordinate
電流-色
特性
Forward Current vs
Chromaticity Coordinate
* 本特性演色性 ン R8000 対応しいます
The graphs above show the characteristics for R8000 LEDs of this product.
x
x
T
J =25°C
Tcp =3500K
1050mA
I
FP =
Tcp =3500K
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.
*
駆動測定しいます
The following graphs show the characteristics measured in pulse mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com