Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW309AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW309AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW309AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
NICHIA STS-DA1-4490B <Cat.No.170321>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
2000
mA
Pulse Forward Current
IFP
2400
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
6.6
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TJ=25°C.
* IFP
conditions with pulse width ≤10ms and duty cycle ≤10%.
* For IF and IFP, see the "DERATING CHARACTERISTICS" of this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com