Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 10Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 11Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 12Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
2000 Jan 18
13
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
SPECIFIC TESTS AND REQUIREMENTS
General tests and requirements are specified in this handbook, section
“Tests and Requirements”.
Table 4
Test procedures and requirements
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF
TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
1000 hours
∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
1500 hours
∆C/C: ±45%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤1%
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ 2 × spec. limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com