Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  047RMS Datasheet HTML 1Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 2Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 3Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 4Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2000 Jan 18
2
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
FEATURES
• Polarized aluminum electrolytic
capacitors, non-solid electrolyte
• Radial leads, cylindrical aluminum
case with pressure relief, insulated
with a blue vinyl sleeve
• Charge and discharge proof
• Long useful life:
1500 hours at 105
°C
• Miniaturized, high CV-product
per unit volume.
APPLICATIONS
• EDB, telecommunication,
industrial, automotive and
audio-video
• Smoothing, filtering, buffering in
SMPS, timing
• Portable and mobile equipment
(small size, low mass).
Fig.1 Component outlines.
handbook, 4 columns
MAM079
handbook, halfpage
047 RMS
105
°C
CCB006
048 RML
longer
life
85
°C
036 RSP
lower
CV-values
037 RSM
038 RSU
miniaturized
148 RUS
miniaturized
150 RMI
136 RVI
lower
Z
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Case sizes (
∅Dnom × Lnom in mm)
10
× 12 to 18 × 35
Rated capacitance range, CR
100 to 10000
µF
Tolerance on CR
±20%
Rated voltage range, UR
16 to 63 V
Category temperature range
−40 to +105 °C
Endurance test at 105
°C
1000 hours
Useful life at 105
°C
1500 hours
Useful life at 40
°C, 1.3 × IR applied
150000 hours
Shelf life at 0 V, 105
°C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com